Part Number Hot Search : 
EPB5065G 75000 UPD70F 3100S LTC31 8C10D TDA7261 3KP12C
Product Description
Full Text Search
 

To Download LM258AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM158-LM258-LM358
Low power dual operational amplifiers
Features

Internally frequency compensated Large DC voltage gain: 100 dB Wide bandwidth (unity gain): 1.1 MHz (temperature compensated) Very low supply current per operator essentially independent of supply voltage Low input bias current: 20 nA (temperature compensated) Low input offset voltage: 2 mV Low input offset current: 2 nA Input common-mode voltage range includes negative rails Differential input voltage range equal to the power supply voltage Large output voltage swing 0 V to (VCC+ - 1.5V) P TSSOP8 (Thin shrink small outline package) Pin connections (Top view)
1 2 3 4 + + 8 7 6 5
N DIP8 (Plastic package)
D&S SO-8 & miniSO-8 (Plastic micropackage)
Description
These circuits consist of two independent, highgain, internally frequency-compensated op-amps which are designed specifically to operate from a single power supply over a wide range of voltages. The low power supply drain is independent of the magnitude of the power supply voltage. Application areas include transducer amplifiers, DC gain blocks and all the conventional op-amp circuits which now can be more easily implemented in single power supply systems. For example, these circuits can be directly supplied with the standard +5 V which is used in logic systems and will easily provide the required interface electronics without requiring any additional power supply. In linear mode, the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage.
1 - Output 1 2 - Inverting input 3 - Non-inverting input 4 - VCC5 - Non-inverting input 2 6 - Inverting input 2 7 - Output 2 8 - VCC+
February 2008
Rev 7
1/19
www.st.com 19
Schematic diagram
LM158-LM258-LM358
1
Schematic diagram
Figure 1. Schematic diagram (1/2 LM158)
V CC
6A
4A CC
100A
Q5 Q6
Inverting input
Q2 Q1
Q3 Q4 Q11 Output Q13 Q10 Q12 Q7 R SC
Non-inverting input
Q8
Q9 50A GND
2/19
LM158-LM258-LM358
Absolute maximum ratings
2
Absolute maximum ratings
Table 1.
Symbol VCC Vi Vid Supply voltage Input voltage Differential input voltage Output short-circuit duation (1) Iin Toper Tstg Tj Input current
(2)
Absolute maximum ratings
Parameter LM158,A LM258,A +/-16 or 32 32 32 Infinite 50 -55 to +125 -40 to +105 -65 to +150 150 125 190 120 85 40 39 37 41 300 200
(6)
LM358,A
Unit V V V
mA 0 to +70 C C C
Operating free-air temperature range Storage temperature range Maximum junction temperature Thermal resistance junction to SO-8 MiniSO-8 TSSOP8 DIP8 ambient(3)
Rthja
C/W
Rthjc
Thermal resistance junction to case (3) SO-8 MiniSO-8 TSSOP8 DIP8 HBM: human body model(4)
C/W
V V kV
ESD
MM: machine model(5) CDM: charged device model
1.5
1. Short-circuits from the output to VCC can cause excessive heating if VCC > 15 V. The maximum output current is approximately 40 mA independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers. 2. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistor becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven negative. This is not destructive and normal output is restored for input voltages above -0.3 V. 3. Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values. 4. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 5. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5). This is done for all couples of connected pin combinations while the other pins are floating. 6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins.
3/19
Operating conditions
LM158-LM258-LM358
3
Operating conditions
Table 2.
Symbol VCC Vicm Supply voltage Common mode input voltage range Operating free air temperature range LM158 LM258 LM358 VCC
Operating conditions
Parameter Value 3 to 30
- -0.3
Unit V
+
to VCC -1.5
V
Toper
-55 to +125 -40 to +105 0 to +70
C
4/19
LM158-LM258-LM358
Electrical characteristics
4
Table 3.
Symbol
Electrical characteristics
Electrical characteristics for VCC+ = +5V, VCC- = Ground, Vo = 1.4V, Tamb = +25C (unless otherwise specified)
Parameter Input offset voltage (1) LM158A LM258A, LM358A LM158, LM258 LM358 Tmin Tamb Tmax LM158A, LM258A, LM358A LM158, LM258 LM358 DVio Input offset voltage drift LM158A, LM258A, LM358A LM158, LM258, LM358 Input offset current LM158A, LM258A, LM358A LM158, LM258, LM358 Tmin Tamb Tmax LM158A, LM258A, LM358A LM158, LM258, LM358 Input offset current drift LM158A, LM258A, LM358A LM158, LM258, LM358 Input bias current (2) LM158A, LM258A, LM358A LM158, LM258, LM358 Tmin Tamb Tmax LM158A, LM258A, LM358A LM158, LM258, LM358 Large signal voltage gain VCC+= +15 V, RL = 2 k, Vo = 1.4 V to 11.4 V Tmin Tamb Tmax Supply voltage rejection ratio VCC+ = 5 V to 30 V, Rs 10 k Tmin Tamb Tmax Supply current, all amp, no load Tmin Tamb Tmax VCC+ = +5 V Tmin Tamb Tmax VCC+ = +30 V Input common mode voltage range VCC+= +30 V (3) Tmin Tamb Tmax 0 0 50 25 65 65 7 7 2 2 Min. Typ. Max. Unit
1 2
Vio
2 3 5 7 4 7 9 15 30 10 30 30 40
mV
V/C
Iio
nA
DIio
10 10 20 20
200 300 50 150 100 200
pA/C
Iib
nA
Avd
100
V/mV
SVR
100
dB
ICC
0.7
1.2 2 VCC+ -1.5 VCC+ -2
mA
Vicm
V
5/19
Electrical characteristics Table 3.
Symbol
LM158-LM258-LM358
Electrical characteristics for VCC+ = +5V, VCC- = Ground, Vo = 1.4V, Tamb = +25C (unless otherwise specified)
Parameter Common mode rejection ratio Rs 10 k Tmin Tamb Tmax Output current source VCC+ = +15 V, Vo = +2 V, Vid = +1 V Output sink current VCC+ = +15V, Vo = +2V, Vid = -1V VCC+ = +15V, Vo = +0.2V, Vid = -1V High level output voltage RL = 2 k, VCC+ = 30 V Tmin Tamb Tmax RL = 10 k, VCC+ = 30 V Tmin Tamb Tmax Low level output voltage RL = 10 k Tmin Tamb Tmax Slew rate , VCC+ = 15V, Vi = 0.5 to 3V, RL = 2k CL = 100pF, unity Gain Gain bandwidth product VCC+ = 30 V, f = 100 kHz,Vin = 10 mV, , RL = 2 k CL = 100 pF Total harmonic distortion f = 1 kHz, Av = 20 dB, RL = 2 k, Vo = 2 Vpp, CL = 100 pF, VO = 2 Vpp Equivalent input noise voltage f = 1 kHz, Rs = 100 , VCC+ = 30 V Channel separation(4) 1kHz f 20 kHz 0.3 Min. Typ. Max. Unit
CMR
70 60 20
85
dB
Isource
40
60
mA
Isink
10 12 26 26 27 27
20 50 27
mA A
VOH
V 28
VOL
5
20 20
mV
SR
0.6
V/s
GBP
0.7
1.1
MHz
THD
0.02
%
en Vo1/Vo2
55 120
nV ----------Hz
dB
1. Vo = 1.4 V, Rs = 0 , 5 V < VCC+ < 30 V, 0 < Vic < VCC+ - 1.5 V 2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so there is no change in the load on the input lines. 3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC+ - 1.5 V, but either or both inputs can go to +32 V without damage. 4. Due to the proximity of external components, ensure that stray capacitance between these external parts does not cause coupling. Typically, this can be detected because this type of capacitance increases at higher frequencies.
6/19
LM158-LM258-LM358
Electrical characteristics
Figure 2.
140 120
Open loop frequency response
0.1mF VI VCC/2 + +125C 10M W
Figure 3.
20
Large signal frequency response
100k W 1k W
OUTPUT SWING (Vpp)
VOLTAGE GAIN (dB)
100 80 60 40 20 0
VCC
-
+15V VO 2k W
VO
15
VI +7V +
VCC = 30V & -55C Tamb
10
5 0
VCC = +10 to + 15V & -55C Tamb +125C 1.0 10 100 1k 10k 100k 1M 10M
1k
10k
100k
1M
FREQUENCY (Hz)
FREQUENCY (Hz)
Figure 4.
4
Voltage follower pulse response
RL 2 k W VCC = +15V
Figure 5.
500
Voltage follower pulse response
OUTPUT VOLTAGE (V)
3 2 1 0
OUTPUT VOLTAGE (mV)
450
el
+ eO 50pF
400 Input 350 Output 300 250 Tamb = +25C VCC = 30 V
0 1 2 3 4 5 6 7 8
INPUT VOLTAGE (V)
3 2 1
0 10 20 30 40
TIME (ms)
TIME (ms)
Figure 6.
90 80
Input current
VI = 0 V VCC = +30 V VCC = +15 V
Figure 7.
10
Output characteristics
VCC = +5V VCC = +15V VCC = +30V
INPUT CURRENT (mA)
70 60 50 40 30 20 10 0
OUTPUT VOLTAGE (V)
1
v cc IO + VO
v cc /2
0.1
VCC = +5 V
0.01
-15 5 25 45 65 85 105 125 0,001 0,01 0,1
Tamb = +25C 1 10 100
-55 -35
TEMPERATURE (C)
OUTPUT SINK CURRENT (mA)
7/19
Electrical characteristics
LM158-LM258-LM358
Figure 8.
OUTPUT VOLTAGE REFERENCED
Output characteristics
8 7 6
V CC /2 + IO VO V CC
Figure 9.
90
Current limiting
80 70 60 50 40 30 20 10 0
+ -
OUTPUT CURRENT (mA)
IO
TO VCC+ (V)
5 4 3 2 1
0,001 0,01
-
Independent of V CC T amb = +25C
0,1
1
10
100
-55 -35
-15
5
25
45
65
85 105
125
OUTPUT SOURCE CURRENT (mA)
TEMPERATURE (C)
Figure 10. Input voltage range
15
Figure 11. Positive supply voltage
160 VOLTAGE GAIN (dB) R L = 20k W 120 80 40 R L = 2k W
INPUT VOLTAGE (V)
10
Negative
5
Positive
0
5
10
15
0
10
20
30
40
POWER SUPPLY VOLTAGE (V)
POSITIVE SUPPLY VOLTAGE (V)
Figure 12. Input voltage range
160 R L = 20k W 120 80 40 R L = 2k W
Figure 13. Supply current
4
VCC
SUPPLY CURRENT (mA)
VOLTAGE GAIN (dB)
3
mA -
ID
2
+
1
Tamb = 0C to +125C
Tamb = -55C
0
10
20
30
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
POSITIVE SUPPLY VOLTAGE (V)
8/19
LM158-LM258-LM358
Electrical characteristics
Figure 14. Input current
100 INPUT CURRENT (nA) 75 50 25
Figure 15. Gain bandwidth product
GAIN BANDWIDTH PRODUCT (MHz) 1.5 1.35 1.2 1.05 0.9 0.75 0.6 0.45 0.3 0.15 0 -55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C) VCC = 15V
Tamb= +25C
0 10 20 30 POSITIVE SUPPLY VOLTAGE (V)
Figure 16. Power supply rejection ratio
POWER SUPPLY REJECTION RATIO (dB) 115 110 SVR 105 100 95 90 85 80 75 70 65 60-55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C)
Figure 17. Common mode rejection ratio
COMMON MODE REJECTION RATIO (dB) 115 110 105 100 95 90 85 80 75 70 65 60-55-35-15 5 25 45 65 85 105 125 TEMPERATURE (C)
Figure 18. Phase margin vs. capacitive load
Phase Margin at Vcc=15V and Vicm=7.5V Vs. Iout and Capacitive load value
9/19
Typical applications
LM158-LM258-LM358
5
Typical applications
Single supply voltage VCC = +5VDC.
Figure 19. AC coupled inverting amplifier
Rf 100k W R1 10kW
1/2 LM158
Figure 20. Non-inverting DC amplifier
10kW 1/2 LM158
eO A V = 1 + R2 R1 (As shown A V = 101) +5V
CI
R1 (as shown A V = -10) Co eo 0 2VPP
AV= -
Rf
R1 10k W
C1 10mF
e
0
O
(V)
eI ~ R2 100k W V CC
RB 6.2kW R3 100kW
RL 10k W
R2 1M W
e I (mV)
Figure 21. AC coupled non-inverting amplifier Figure 22. DC summing amplifier
R1 100kW C1 0.1mF
1/2 LM158
R2 1MW
e1
100kW
A = 1 + R2 V R1 (as shown A V = 11) Co 0 eo RL 10k W 2VPP
e2 e3 100k W 100kW 100kW e4 100kW 100kW
1/2 LM158
eO
CI
RB 6.2kW eI ~ R3 1M W
R4 100kW
V CC
C2 10mF R5 100kW
eo = e1 + e2 - e3 - e4 where (e1 + e2) (e3 + e4) to keep eo 0V
Figure 23. High input Z, DC differential amplifier
R2 100kW R1 100kW
1/2 LM158
Figure 24. High input Z adjustable gain DC instrumentation amplifier
R1 100k W
R4 100kW
e1
1/2 LM158
R3 100kW
R4 100kW
R3 100kW
1/2 LM158
R2 2k W
Gain adjust
1/2 LM158
eO
R5 100kW
+V1 +V2
if R1 = R5 and R3 = R4 = R6 = R7 eo = [1 + 2R1 ] ( (e2 + e1) ----------R2
Vo
1/2 LM158
e2
R6 100k W
R7 100kW
if R1 = R5 and R3 = R4 = R6 = R7 eo = [ 1 + 2R1 ] ( (e2 + e1) ----------R2
As shown eo = 101 (e2 + e1) As shown eo = 101 (e2 + e1)
10/19
LM158-LM258-LM358
Typical applications
Figure 25. Using symmetrical amplifiers to reduce input current
1/2 LM158
Figure 26. Low drift peak detector
I eI IB
I
IB
eo
IB
1/2 LM158
2N 929 0.001mF
eI ZI
1/2 LM158
IB C 1mF 2I B
eo Zo
IB
IB 3MW IB
1/2 LM158
2N 929 2IB R 1MW
0.001mF IB 3R 3MW IB
1/2 LM158
Input current compensation
1.5MW
Input current compensation
Figure 27. Active band-pass filter
R1 100kW C1 330pF R2 100kW +V1
1/2 LM158
R5 470kW
1/2 LM158
R4 10MW C2 R3 100kW 330 pF
1/2 LM158
R6 470kW Vo R7 100kW VCC R8 100kW C3 10mF
11/19
Package information
LM158-LM258-LM358
6
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com.
12/19
LM158-LM258-LM358
Package information
6.1
DIP8 package information
Figure 28. DIP8 package mechanical drawing
Table 4.
DIP8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b b2 c D E E1 e eA eB L 2.92 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10
Millimeters Typ. Max. 5.33 0.015 3.30 0.46 1.52 0.25 9.27 7.87 6.35 2.54 7.62 10.92 3.30 3.81 0.115 4.95 0.56 1.78 0.36 10.16 8.26 7.11 0.115 0.014 0.045 0.008 0.355 0.300 0.240 Min.
Inches Typ. Max. 0.210
0.130 0.018 0.060 0.010 0.365 0.310 0.250 0.100 0.300
0.195 0.022 0.070 0.014 0.400 0.325 0.280
0.430 0.130 0.150
13/19
Package information
LM158-LM258-LM358
6.2
SO-8 package information
Figure 29. SO-8 package mechanical drawing
Table 5.
SO-8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D H E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80
Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.48 0.23 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 5.00 6.20 4.00 0.011 0.007 0.189 0.228 0.150 Min.
Inches Typ. Max. 0.069 0.010
0.019 0.010 0.193 0.236 0.154 0.050 0.020 0.050 8 0.004 0.197 0.244 0.157
14/19
LM158-LM258-LM358
Package information
6.3
MiniSO-8 package information
Figure 30. MiniSO-8 package mechanical drawing
Table 6.
MiniSO-8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e L L1 L2 k ccc 0 0.40 0 0.75 0.22 0.08 2.80 4.65 2.80
Millimeters Typ. Max. 1.1 0.15 0.85 0.95 0.40 0.23 3.00 4.90 3.00 0.65 0.60 0.95 0.25 8 0.10 0 0.80 0.016 3.20 5.15 3.10 0 0.030 0.009 0.003 0.11 0.183 0.11 Min.
Inches Typ. Max. 0.043 0.006 0.033 0.037 0.016 0.009 0.118 0.193 0.118 0.026 0.024 0.037 0.010 8 0.004 0.031 0.126 0.203 0.122
15/19
Package information
LM158-LM258-LM358
6.4
TSSOP8 package information
Figure 31. TSSOP8 package mechanical drawing
Table 7.
TSSOP8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e k L L1 aaa 0 0.45 0.05 0.80 0.19 0.09 2.90 6.20 4.30
Millimeters Typ. Max. 1.2 0.15 1.00 1.05 0.30 0.20 3.00 6.40 4.40 0.65 8 0.60 1 0.1 0.75 0 0.018 3.10 6.60 4.50 0.002 0.031 0.007 0.004 0.114 0.244 0.169 Min.
Inches Typ. Max. 0.047 0.006 0.039 0.041 0.012 0.008 0.118 0.252 0.173 0.0256 8 0.024 0.039 0.004 0.030 0.122 0.260 0.177
16/19
LM158-LM258-LM358
Ordering information
7
Table 8.
Ordering information
Order codes
Temperature range Package DIP8 -55C, +125C SO-8 Tube or tape & reel SO-8 Automotive grade DIP8 SO-8 Tube or tape & reel SO-8 Automotive grade TSSOP8 258A Tape & reel -40C, +105C TSSOP8 Automotive grade MiniSO-8 DIP8 SO-8 Tube or tape & reel SO-8 Automotive grade DIP8 Tube LM358AN SO-8 SO-8 Automotive grade 0C, +70C SO-8 Tube or tape & reel 358 358Y 358A 358 TSSOP8 358A Tape & reel TSSOP8 Automotive grade MiniSO-8 Tape & reel K404 358Y 358AY K405 258Y LM358N Tape & reel Tube 258Y 258AY K408 LM258N 258 258AY 258 Tube 158Y LM258A 258A Packaging Tube Marking LM158N 158
Order code LM158N LM158D LM158DT LM158YD(1) LM158YDT(1) LM258AN LM258AD LM258ADT LM258AYD(1) LM258AYDT(1) LM258PT LM258APT LM258YPT LM258AYPT(2) LM258AST LM258N LM258D LM258DT LM258YD(1) LM258YDT(1) LM358N LM358AN LM358D LM358DT LM358YD(1) LM358YDT(1) LM358AD LM358ADT LM358PT LM358APT LM358YPT LM358AYPT(2) LM358ST LM358AST
(2) (2)
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. 2. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going.
17/19
Revision history
LM158-LM258-LM358
8
Revision history
Table 9.
Date 1-Jul- 2003 2-Jan-2005 1-Jul-2005 5-Oct-2006 30-Nov-2006 25-Apr-2007
Document revision history
Revision 1 2 3 4 5 6 First release. Rthja and Tj parameters added in AMR Table 1 on page 3. ESD protection inserted in Table 1 on page 3. Added Figure 18: Phase margin vs. capacitive load. Added missing ordering information. Removed LM158A, LM258A and LM358A from document title. Corrected error in MiniSO-8 package data. L1 is 0.004 inch. Added automotive grade order codes in Section 7 on page 17. Corrected VCC max (30V instead of 32V) in operating conditions. Changed presentation of electrical characteristics table. Deleted Vopp parameter in electrical characteristics table. Corrected miniSO-8 package information. Corrected temperature range for automotive grade order codes. Updated automotive grade footnotes in order codes table. Changes
12-Feb-2008
7
18/19
LM158-LM258-LM358
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
19/19


▲Up To Search▲   

 
Price & Availability of LM258AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X